PART |
Description |
Maker |
HDSP-703A HDSP-701G HDSP-701E HDSP-701A |
Low-Cost Molded VRS Sensor, 6,2 mm [0.243 in] diameter, 10 Vp-p, -18 ºC to 60 ºC [0 ºF to 140 ºF], 32 DP (module 0.80) or coarser, 19 mm [0.75 in] approx. length Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] diameter, 10 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 32 DP (module 0.80) or coarser, 25 mm [1.00 in] approx. length Low-Cost Molded VRS Sensor, 11,2 mm [0.438 in] diameter, 17.5 Vp-p, -18 ºC to 930 ºC [0 ºF to 200 ºF], 26 DP (module 0.98) or coarser, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length High Resolution VRS Sensor, 9,5 mm [0.375 in] M12 diameter, 55 Vp-p, -40 ºC to 107 ºC [-40 ºF to 225 ºF], 36 DP (module 0.70) or coarser, 40 kHz, 32 mm [1.25 in] approx. length 17.3毫米.68英寸)通用5x7点阵的字母数字显示器
|
HIROSE ELECTRIC Co., Ltd.
|
RC4193N |
0.375 A SWITCHING REGULATOR, 75 kHz SWITCHING FREQ-MAX, PDIP8
|
RAYTHEON SEMICONDUCTOR
|
SIP12502DMP-20-E3 SIP12502DMP-33-E3 SIP12502DMP-50 |
500 mA - Fixed Output Boost Converter for Single or Dual Cell 0.5 A BATTERY CHARGE CONTROLLER, 375 kHz SWITCHING FREQ-MAX, DSO6
|
http:// Vishay Siliconix
|
2852 |
250 KHz elliptic type lowass filter
|
KR Electronics, Inc.
|
SF0070CF51541T |
70 MHz Filter 250 kHz Bandwidth High Selectivity SAW Filters
|
Integrated Circuit Systems ICS
|
GB240128BSGAANUA-V00 GB240128BSGAAMUA-V00 GB240128 |
BOOK,PIC MICROCONTROLLER PROJECT BOOK DISPLAY,CA,RED,7 SEGMENT,.5", 700nm,RHDP,2.2VF20MA.8MCD@20MA LED,GRN,GRN DIF,T1-3/4, 565nm,2.1Vf,25mcd V/A60(10) LED,ORG RED,RED CLR,T-3/4, 660nm,2.1Vf@20mA,7mcd@10mA MULTIMETER,3260CNT,A/R,DUAL, 0.1mV RESO,ALL FUNCTIONS BUT T 规格液晶模块 MULTIMETER,2000CNT,0.1mV RESO, ALL FUNCTIONS 规格液晶模块 BOOK,MODERN SOLDER TECHNOLOGY, COMPETITIVE ELECTRONICS MFG. 规格液晶模块 DISPLAY,7-SEG,CA,RED,1DGT,.3" 700nm,RHDP,2.2Vf20mA,.8mcd20mA 规格液晶模块 DISPLAY,7-SEG,CA,RED,1DGT,.3", 700nm,LHDP,2.2Vf20mA,.8mcd20m 规格液晶模块 DISPLAY,7-SEG,CC,RED,.3", 700nm,RHDP,2.2Vf20mA,.8mcd20mA 规格液晶模块 LED,SMD PLCC-2,GREEN, 565NM WATER CLEAR 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
LTC1159CG-5PBF LTC1159CS-3.3PBF LTC1159CSPBF LTC11 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO20 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
747-450-BW 747-450-CW 747-450-DW 747-450-EW 747-45 |
SMD Ceramic Filter 450 KHz
|
Oscilent Corporation
|
LXZT |
LEADED LOW FREQUENCY kHz BAND CERAMIC RESONATORS
|
ABRACON[Abracon Corporation]
|
102955005 102951005 102955002 102951204 |
SCHLAUCHENDANSCHL L 68MM 0.5Z SCHLAUCHENDKUPPL L 66MM 0.5Z SCHLAUCHENDANSCHL L 68MM 0.25Z SCHLAUCHENDANSCHL8毫米0.25Z KUPPLUNGSTEIL INNENGEW L 57MM BSP 0.375 KUPPLUNGSTEIL INNENGEW7毫米BSP.375
|
TOKO, Inc. United Microelectronics, Corp.
|
|